Part Number Hot Search : 
WM8950 100BG H3545 74VHCT 020141MB WM8950 BZX55C1 MB89935B
Product Description
Full Text Search
 

To Download LCD20-24S15W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  lcd20w 1 www.pduke.com 2014/4/30 lcd20w series dc-dc converter 4:1 ultra wide input range up to 20watts features applications ? no minimum load required ? 1600vdc input to output isolation ? small size and low profile 1.0 x 1.0 x 0.39 inch ? six-sided continuous shield ? meet en55022 class a without external components ? ul60950-1, en60950-1, & iec60950-1 safety approvals ? ce marked ? compliant to rohs ii & reach ? wireless network ? telecom/datacom ? industry control system ? distributed power architectures ? semiconductor equipment 1600vdc isolation remote control uvp ocp scp ovp low standby power technical specification all specifications are typical at nominal input, ful l load and 25 otherwise noted input range output voltage output current @full load input current @ no load efficiency maximum capacitor load (1) model number vdc vdc ma ma % f lcd20-24s3p3w 9 ~ 36 3.3 4500 10 89 7000 lcd20-24s05w 9 ~ 36 5 4000 10 89 5000 lcd20-24s12w 9 ~ 36 12 1670 6 89 850 LCD20-24S15W 9 ~ 36 15 1330 6 89 700 lcd20-24d12w 9 ~ 36 12 833 6 89 500 lcd20-24d15w 9 ~ 36 15 667 6 90 350 lcd20-48s3p3w 18 ~ 75 3.3 4500 10 90 7000 lcd20-48s05w 18 ~ 75 5 4000 10 90 5000 lcd20-48s12w 18 ~ 75 12 1670 4 89 850 lcd20-48s15w 18 ~ 75 15 1330 4 90 700 lcd20-48d12w 18 ~ 75 12 833 4 89 500 lcd20-48d15w 18 ~ 75 15 667 4 90 350 part number structure lcd20 - 48 s 05 w - a hs series name input voltage (vdc) output quantity output voltage (vdc) input range option assembly option s: single 3p3: 05: 12: 15: 3.3 5 12 15 24: 48: 9~36 18~75 d: dual 12: 15: 12 15 4:1    : a: b: c: d: e: negative logic remote on/off(standard) positive logic remote on/off without ctrl pin negative logic remote on/off without trim pin without ctrl & trim pin positive logic remote on/off without trim pin    : hs: hc: no assembly heat-sink heat-sink with clamp
lcd20w 2 www.pduke.com 2014/4/30 input specifications parameter conditions min. typ. max. unit operating input voltage range 24vin(nom) 48vin(nom) 9 18 24 48 36 75 vdc input reflected ripple current nominal input and fu ll load 30 map-p start-up voltage 24vin(nom) 48vin(nom) 9 18 vdc shutdown voltage 24vin(nom) 48vin(nom) 8 16 vdc start up time constant resistive load power up remote on/off 30 30 ms input surge voltage 1 second, max. 24vin(nom) 48vin(nom) 50 100 vdc input filter pi type positive logic (option) dc-dc on dc-dc off open or 3 ~ 15vdc short or 0 ~ 1.2vdc referred to ?vin pin negative logic (standard) dc-dc on dc-dc off short or 0 ~ 1.2vdc open or 3 ~ 15vdc remote on/off input current of ctrl pin -0.5 1.0 ma remote off input current 2.0 ma output specifications parameter conditions min. typ. max. unit voltage accuracy -1.0 +1.0 % line regulation low line to high line at full load single dual -0.2 -0.5 +0.2 +0.5 % no load to full load single dual load regulation 10% load to 90% load single dual -0.2 -1.0 -0.1 -0.8 +0.2 +1.0 +0.1 +0.8 % cross regulation asymmetrical load 25%/100% fl dual -5.0 +5.0 % voltage adjustability (2) single output -10 +10 % ripple and noise measured by 20mhz bandwidth with a 1 f m/c x7r and a 10 f t/c 3.3vout, 5vout 12vout, 15vout 75 100 mvp-p temperature coefficient -0.02 +0.02 %/ transient response recovery time 25% load step change 250 s over voltage protection 3.3vout 5vout 12vout 15vout 3.7 5.6 13.5 16.8 5.4 7.0 19.6 20.5 vdc over load protection % of iout rated; hiccup mode 150 % short circuit protection continuous, automatics recovery general specifications parameter conditions min. typ. max. unit isolation voltage 1 minute input to output input(output) to case 1600 1000 vdc isolation resistance 500vdc 1 g  isolation capacitance 1500 pf switching frequency 3.3vout, 5vout others 248 297 275 330 303 363 khz safety approvals ul60950-1 en60950-1 iec60950-1 case material nickel-coated copper base material fr4 pcb potting material silicone (ul94 v-0) weight 15g (0.53oz) mtbf mil-hdbk-217f, full load 1.469 x 10 6 hrs
lcd20w 3 www.pduke.com 2014/4/30 environmental specifications parameter conditions min. typ. max. unit operating ambient temperature without derating with derating -40 +60 +60 +101 maximum case temperature 105 storage temperature range -55 +125 thermal impedance vertical direction by natural con vection (20lfm) without heat-sink with heat-sink 17.6 14.8 /w thermal shock mil-std-810f vibration mil-std-810f relative humidity 5% to 95% rh emc specifications parameter conditions level emi (3) en55022 class a, class b esd en61000-4-2 air 8kv and contact 6kv perf. criteria a radiated immunity en61000-4-3 10 v/m perf. criteria a fast transient (4) en61000-4-4 2kv perf. criteria a surge (4) en61000-4-5 2kv perf. criteria a conducted immunity en61000-4-6 10 vr.m.s perf. criteria a note: 1. test by minimum input and constant resistive load. 2. trimming allows the user to increase or decrease th e output voltage set point of the module. this is a ccomplished by connecting an external resistor between the trim pin and either +vout pin or -vout pin. 3. the standard modules meet en55022 class a without e xternal components and meet class b with external c omponents. for further information, please contact with p-duke . 4. an external input filter capacitor is required if t he module has to meet en61000-4-4, en61000-4-5. the filter capacitor power mate suggest: nippon che mi-con ky series, 220 f/100v. caution: this power module is not internally fused. an input line fuse must always be used. characteristic curve lcd20-48s05w derating curve lcd20-48s05w derating c urve with heat-sink lcd20-48s05w efficiency vs. input voltage lcd20-48s 05w efficiency vs. output load
lcd20w 4 www.pduke.com 2014/4/30 mechanical drawing pin connection external output trimming 1. all dimensions in inch (mm) 2. tolerance :x.xx0.02 (x.x0.5) x.xxx0.01 (x.xx0.25) 3. pin pitch tolerance 0.01 (0.25) 4. pin dimension tolerance 0.004(0.1) pin single dual 1 +vin +vin 2 -vin -vin 3 ctrl ctrl 4 +vout +vout 5 trim common 6 -vout -vout output can be externally trimmed by using the method shown below. 6 5 trim up r u 5 4 trim down r d


▲Up To Search▲   

 
Price & Availability of LCD20-24S15W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X